Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DB9-USB-M Fiches technique(PDF) 7 Page - Future Technology Devices International Ltd.

No de pièce DB9-USB-M
Description  DB9-USB-RS232 Module Male & Female
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FTDI [Future Technology Devices International Ltd.]
Site Internet  http://www.ftdichip.com
Logo FTDI - Future Technology Devices International Ltd.

DB9-USB-M Fiches technique(HTML) 7 Page - Future Technology Devices International Ltd.

Back Button DB9-USB-M Datasheet HTML 3Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 4Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 5Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 6Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 7Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 8Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 9Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 10Page - Future Technology Devices International Ltd. DB9-USB-M Datasheet HTML 11Page - Future Technology Devices International Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
Copyright © 2010 Future Technology Devices International Limited
6
Document Reference No.: FT_000204
DB9-USB-RS232 Datasheet
Version 1.2
Clearance No.: FTDI# 130
2.1.2 Replacing an RS232 DB9 MALE (DTE defined) Connector
The DB9-USB-RS232-M can be used to replace a male DB9 connector used for transmitting RS232
protocol. With the DB9-USB-RS232-M in place instead of the standard USB connector a USB bridge is
created, this allow the application to communicate with other devices via USB. Installing the DB9-USB-
RS232-M is simple. Simply replace the male DB9 connector with the DB9-USB-RS232-M connector (same
PCB footprint), install drivers and the device is ready to use.
Table 2.2 gives the pin out description of each pad of an RS232 footprint. Figure 2.2 gives a description
of the connections between the DB9-USB-RS232-M and the footprint of a male DB9 module.
Pin
Number
Pin Type of DB9-
USB-RS232 module
Pin Type at
application PCB
Description
1
Input (note1)
Input
DCD = Data Carrier Detect
2
Output
Input
RXD = Receive Data
(this is an output from the DB9-USB-
RS232-M to the application Rx input)
3
Input
Output
TXD = Transmit Data
(this is an input to the DB9-USB-RS232-M
from the application Tx output)
4
Input
Output
DTR = Data Terminal Ready
(this is an input to the DB9-USB-RS232-M
from the application DTR output)
5
Ground
Ground
GND = RS232 signal ground
6
Output
Input
DSR = Data Set Ready
(this is an output from the DB9-USB-
RS232-M to the application DSR input)
7
Input
Output
RTS = Request To Send
(this is an input to the DB9-USB-RS232-M
from the application RTS output)
8
Output
Input
CTS = Clear To Send
(this is an output from the DB9-USB-
RS232-M to the application CTS input)
9
Input (note1)
Input
RI = Ring Indicator
Shield
Ground
Case Ground
Drain = typically connected to the host PC
case
Table 2.2 – A Male RS232 DB9 footprint Pin-Out
Note 1: The DB9-USB-RS232-M is electrically configured to be a DTE (Data Terminating Equipment) device
with a null-modem wiring. The null-modem wiring allows DTE to DTE communications between the DB9-
USB-RS232-M and a standard DB9 male application board. However a DTE device is defined to have 5
inputs and 3 outputs, where a DCE (Data Communications Equipment) is defined to have 3 inputs and 5
outputs as in the case of the female DB9 application boards. This leads to a conflict in an DTE to DTE
connection application, This conflict is that there are more inputs to a connected USB-converter device than
there are outputs from the application board (and more inputs to the application board than there are outputs
of the USB converter). This conflict occurs on the DCD and RI connections and as such they cannot be
used. This issue is very common when translating RS232 to USB from a DTE perspective. Additional
information showing DTE and DCE wiring is given in Appendix B.
Figure 2.1 illustrates these connections from a PCB footprint point of view. Figure 2.2 Illustrates the
connection made to an example PCB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27