| Moteur de recherche de fiches techniques de composants électroniques |
|
DB9-USB-M Fiches technique(PDF) 6 Page - Future Technology Devices International Ltd. |
|
|
|||||||||||||||||||||||||||||
DB9-USB-M Fiches technique(HTML) 6 Page - Future Technology Devices International Ltd. |
|
6 / 27 page ![]() Copyright © 2010 Future Technology Devices International Limited 5 Document Reference No.: FT_000204 DB9-USB-RS232 Datasheet Version 1.2 Clearance No.: FTDI# 130 2 Connections 2.1 External Connections 2.1.1 USB The DB9-USB-RS232 module is a downstream USB 2.0 Device. A “USB mini B” receptacle is mounted inside the module to facilitate connection to an upstream USB Host or Hub. Pin Number Pin Type Description 1 Power VBUS – USB Power provided from upstream USB Host or Hub 2 Bidirectional D– = USB data signal, negative polarity 3 Bidirectional D+ = USB data signal, positive polarity 4 ID Not Connected 5 Ground GND = USB signal ground Shield Case Ground Drain = typically connected to the host PC case Table 2.1 – USB “mini-B” Receptacle Pin-Out |