| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18LF4331T-E/ML Fiches technique(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF4331T-E/ML Fiches technique(HTML) 24 Page - Microchip Technology |
|
24 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 24 2010 Microchip Technology Inc. PORTE is a bidirectional I/O port. RE0/AN6 RE0 AN6 825 25 I/O I ST Analog Digital I/O. Analog Input 6. RE1/AN7 RE1 AN7 926 26 I/O I ST Analog Digital I/O. Analog Input 7. RE2/AN8 RE2 AN8 10 27 27 I/O I ST Analog Digital I/O. Analog Input 8. VSS 12, 31 6, 29 6, 30, 31 P — Ground reference for logic and I/O pins. VDD 11, 32 7, 28 7, 8, 28, 29 P — Positive supply for logic and I/O pins. NC — 12,13, 33, 34 13 NC NC No connect. TABLE 1-3: PIC18F4331/4431 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP TQFP QFN Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power Note 1: RC3 is the alternate pin for T0CKI/T5CKI; RC4 is the alternate pin for SDI/SDA; RC5 is the alternate pin for SCK/SCL; RC7 is the alternate pin for SDO. 2: RD4 is the alternate pin for FLTA. 3: RD5 is the alternate pin for PWM4. |