| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18LF4331T-E/ML Fiches technique(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF4331T-E/ML Fiches technique(HTML) 21 Page - Microchip Technology |
|
21 / 392 page ![]() 2010 Microchip Technology Inc. DS39616D-page 21 PIC18F2331/2431/4331/4431 PORTB is a bidirectional I/O port. PORTB can be software programmed for internal weak pull-ups on all inputs. RB0/PWM0 RB0 PWM0 33 8 9 I/O O TTL TTL Digital I/O. PWM Output 0. RB1/PWM1 RB1 PWM1 34 9 10 I/O O TTL TTL Digital I/O. PWM Output 1. RB2/PWM2 RB2 PWM2 35 10 11 I/O O TTL TTL Digital I/O. PWM Output 2. RB3/PWM3 RB3 PWM3 36 11 12 I/O O TTL TTL Digital I/O. PWM Output 3. RB4/KBI0/PWM5 RB4 KBI0 PWM5 37 14 14 I/O I O TTL TTL TTL Digital I/O. Interrupt-on-change pin. PWM Output 5. RB5/KBI1/PWM4/ PGM RB5 KBI1 PWM4 PGM 38 15 15 I/O I O I/O TTL TTL TTL ST Digital I/O. Interrupt-on-change pin. PWM Output 4. Single-Supply ICSP™ Programming entry pin. RB6/KBI2/PGC RB6 KBI2 PGC 39 16 16 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. In-Circuit Debugger and ICSP programming clock pin. RB7/KBI3/PGD RB7 KBI3 PGD 40 17 17 I/O I I/O TTL TTL ST Digital I/O. Interrupt-on-change pin. In-Circuit Debugger and ICSP programming data pin. TABLE 1-3: PIC18F4331/4431 PINOUT I/O DESCRIPTIONS (CONTINUED) Pin Name Pin Number Pin Type Buffer Type Description PDIP TQFP QFN Legend: TTL = TTL compatible input CMOS = CMOS compatible input or output ST = Schmitt Trigger input with CMOS levels I = Input O = Output P = Power Note 1: RC3 is the alternate pin for T0CKI/T5CKI; RC4 is the alternate pin for SDI/SDA; RC5 is the alternate pin for SCK/SCL; RC7 is the alternate pin for SDO. 2: RD4 is the alternate pin for FLTA. 3: RD5 is the alternate pin for PWM4. |