| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18LF4331T-E/P Fiches technique(PDF) 14 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF4331T-E/P Fiches technique(HTML) 14 Page - Microchip Technology |
|
14 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 14 2010 Microchip Technology Inc. FIGURE 1-1: PIC18F2331/2431 (28-PIN) BLOCK DIAGRAM Power-up Timer Oscillator Start-up Timer Power-on Reset Watchdog Timer Instruction Decode & Control OSC1/CLKI OSC2/CLKO MCLR/VPP VDD, VSS PORTA PORTB PORTC RA4/AN4/CAP3/QEB RB0/PWM0 RB5/KBI1/PWM4/PGM RC0/T1OSO/T1CKI RC1/T1OSI/CCP2/FLTA RC2/CCP1 RC4/INT1/SDI/SDA RC5/INT2/SCK/SCL RC6/TX/CK/SS RC7/RX/DT/SDO Brown-out Reset EUSART Data EE Synchronous Timer0 Timer1 Timer2 Serial Port RA3/AN3/VREF+/CAP2/QEA RA2/AN2/VREF-/CAP1/INDX RA1/AN1 RA0/AN0 PCPWM Timing Generation 4x PLL HS 10-Bit ADC RB1/PWM1 Data Latch Data RAM (768 bytes) Address Latch Address<12> 12 Bank 0, F BSR FSR0 FSR1 FSR2 inc/dec logic Decode 4 12 4 PCH PCL PCLATH 8 31 Level Stack Program Counter PRODL PRODH 8 x 8 Multiply W 8 BITOP 8 8 ALU<8> 8 Address Latch Program Data Latch 20 21 21 16 8 8 8 Table Pointer<21> inc/dec logic 21 8 Data Bus<8> Table Latch 8 IR 12 3 ROM Latch Timer5 PORTE CCP1 RB2/PWM2 RB3/PWM3 T1OSI T1OSO PCLATU PCU OSC2/CLKO/RA6 Precision Reference Band Gap RB4/KBI0/PWM5 RB6/KBI2/PGC RB7/KBI3/PGD RC3/T0CKI/T5CKI/INT0 CCP2 MCLR/VPP OSC1/CLKI/RA7 Power-Managed INTRC OSC AVDD, AVSS Mode Logic MFM Memory |