Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF4331T-E/P Fiches technique(PDF) 6 Page - Microchip Technology

No de pièce PIC18LF4331T-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-E/P Fiches technique(HTML) 6 Page - Microchip Technology

Back Button PIC18LF4331T-E/P Datasheet HTML 2Page - Microchip Technology PIC18LF4331T-E/P Datasheet HTML 3Page - Microchip Technology PIC18LF4331T-E/P Datasheet HTML 4Page - Microchip Technology PIC18LF4331T-E/P Datasheet HTML 5Page - Microchip Technology PIC18LF4331T-E/P Datasheet HTML 6Page - Microchip Technology PIC18LF4331T-E/P Datasheet HTML 7Page - Microchip Technology PIC18LF4331T-E/P Datasheet HTML 8Page - Microchip Technology PIC18LF4331T-E/P Datasheet HTML 9Page - Microchip Technology PIC18LF4331T-E/P Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 6
 2010 Microchip Technology Inc.
Pin Diagrams (Continued)
44-Pin TQFP
10
11
2
3
4
5
6
1
8
7
29
30
31
32
33
23
24
25
26
27
28
9
PIC18F4331
NC
RC0/T1OSO/T1CKI
OSC2/CLKO/RA6
OSC1/CLKI/RA7
AVSS
AVDD
RE2/AN8
RE1/AN7
RE0/AN6
RA5/AN5/LVDIN
RA4/AN4/CAP3/QEB
RC7/RX/DT/SDO
RD4/FLTA(2)
RD5/PWM4(3)
RD6/PWM6
RD7/PWM7
VSS
VDD
RB0/PWM0
RB1/PWM1
RB2/PWM2
RB3/PWM3
PIC18F4431
Note 1:
RC3 is the alternate pin for T0CKI/T5CKI; RC4 is the alternate pin for SDI/SDA; RC5 is the alternate pin
for SCK/SCL.
2:
RD4 is the alternate pin for FLTA.
3:
RD5 is the alternate pin for PWM4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More