Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF4331-E/P Fiches technique(PDF) 16 Page - Microchip Technology

No de pièce PIC18LF4331-E/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331-E/P Fiches technique(HTML) 16 Page - Microchip Technology

Back Button PIC18LF4331-E/P Datasheet HTML 12Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 13Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 14Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 15Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 16Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 17Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 18Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 19Page - Microchip Technology PIC18LF4331-E/P Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 392 page
background image
PIC18F2331/2431/4331/4431
DS39616D-page 16
 2010 Microchip Technology Inc.
TABLE 1-2:
PIC18F2331/2431 PINOUT I/O DESCRIPTIONS
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
SPDIP,
SOIC
QFN
MCLR/VPP
MCLR
VPP
126
I
P
ST
Master Clear (input) or programming voltage (input).
Master Clear (Reset) input. This pin is an active-low
Reset to the device.
High-voltage ICSP™ programming enable pin.
OSC1/CLKI/RA7
OSC1
CLKI
RA7
96
I
I
I/O
ST
CMOS
TTL
Oscillator crystal or external clock input.
Oscillator crystal input or external clock source input.
ST buffer when configured in RC mode; CMOS otherwise.
External clock source input. Always associated with pin
function OSC1. (See related OSC1/CLKI, OSC2/CLKO
pins.)
General purpose I/O pin.
OSC2/CLKO/RA6
OSC2
CLKO
RA6
10
7
O
O
I/O
—
—
TTL
Oscillator crystal or clock output.
Oscillator crystal output. Connects to crystal or
resonator in Crystal Oscillator mode.
In RC mode, OSC2 pin outputs CLKO, which has 1/4
the frequency of OSC1 and denotes the instruction
cycle rate.
General purpose I/O pin.
PORTA is a bidirectional I/O port.
RA0/AN0
RA0
AN0
227
I/O
I
TTL
Analog
Digital I/O.
Analog Input 0.
RA1/AN1
RA1
AN1
328
I/O
I
TTL
Analog
Digital I/O.
Analog Input 1.
RA2/AN2/VREF-/CAP1/INDX
RA2
AN2
VREF-
CAP1
INDX
41
I/O
I
I
I
I
TTL
Analog
Analog
ST
ST
Digital I/O.
Analog Input 2.
A/D reference voltage (low) input.
Input Capture Pin 1.
Quadrature Encoder Interface index input pin.
RA3/AN3/VREF+/CAP2/QEA
RA3
AN3
VREF+
CAP2
QEA
52
I/O
I
I
I
I
TTL
Analog
Analog
ST
ST
Digital I/O.
Analog Input 3.
A/D reference voltage (high) input.
Input Capture Pin 2.
Quadrature Encoder Interface Channel A input pin.
RA4/AN4/CAP3/QEB
RA4
AN4
CAP3
QEB
63
I/O
I
I
I
TTL
Analog
ST
ST
Digital I/O.
Analog Input 4.
Input Capture Pin 3.
Quadrature Encoder Interface Channel B input pin.
Legend:
TTL = TTL compatible input
CMOS = CMOS compatible input or output
ST = Schmitt Trigger input with CMOS levels
I
= Input
O
= Output
P
= Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com