| Moteur de recherche de fiches techniques de composants électroniques |
|
PIC18LF4331-E/P Fiches technique(PDF) 6 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18LF4331-E/P Fiches technique(HTML) 6 Page - Microchip Technology |
|
6 / 392 page ![]() PIC18F2331/2431/4331/4431 DS39616D-page 6 2010 Microchip Technology Inc. Pin Diagrams (Continued) 44-Pin TQFP 10 11 2 3 4 5 6 1 8 7 29 30 31 32 33 23 24 25 26 27 28 9 PIC18F4331 NC RC0/T1OSO/T1CKI OSC2/CLKO/RA6 OSC1/CLKI/RA7 AVSS AVDD RE2/AN8 RE1/AN7 RE0/AN6 RA5/AN5/LVDIN RA4/AN4/CAP3/QEB RC7/RX/DT/SDO RD4/FLTA(2) RD5/PWM4(3) RD6/PWM6 RD7/PWM7 VSS VDD RB0/PWM0 RB1/PWM1 RB2/PWM2 RB3/PWM3 PIC18F4431 Note 1: RC3 is the alternate pin for T0CKI/T5CKI; RC4 is the alternate pin for SDI/SDA; RC5 is the alternate pin for SCK/SCL. 2: RD4 is the alternate pin for FLTA. 3: RD5 is the alternate pin for PWM4. |