Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF4331T-I/P Fiches technique(PDF) 83 Page - Microchip Technology

No de pièce PIC18LF4331T-I/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/P Fiches technique(HTML) 83 Page - Microchip Technology

Back Button PIC18LF4331T-I/P Datasheet HTML 79Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 80Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 81Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 82Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 83Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 84Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 85Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 86Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 83
PIC18F2331/2431/4331/4431
TABLE 7-1:
REGISTERS ASSOCIATED WITH DATA EEPROM MEMORY
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
Values on
page
INTCON
GIE/GIEH PEIE/GIEL TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
54
EEADR
EEPROM Address Register
56
EEDATA
EEPROM Data Register
56
EECON2
EEPROM Control Register 2 (not a physical register)
56
EECON1
EEPGD
CFGS
—
FREE
WRERR
WREN
WR
RD
56
IPR2
OSCFIP
—
—
EEIP
—LVDIP
—
CCP2IP
57
PIR2
OSCFIF
—
—
EEIF
—LVDIF
—
CCP2IF
57
PIE2
OSCFIE
—
—
EEIE
—LVDIE
—
CCP2IE
57
Legend:
— = unimplemented, read as ‘0’. Shaded cells are not used during Flash/EEPROM access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More