Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC18LF4331T-I/P Fiches technique(PDF) 3 Page - Microchip Technology

No de pièce PIC18LF4331T-I/P
Description  28/40/44-Pin Enhanced Flash Microcontrollers with nanoWatt Technology, High-Performance PWM and A/D
PDF  392 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF4331T-I/P Fiches technique(HTML) 3 Page - Microchip Technology

  PIC18LF4331T-I/P Datasheet HTML 1Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 2Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 3Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 4Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 5Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 6Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 7Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 8Page - Microchip Technology PIC18LF4331T-I/P Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 392 page
background image
 2010 Microchip Technology Inc.
DS39616D-page 3
14-Bit Power Control PWM Module:
• Up to 4 Channels with Complementary Outputs
• Edge or Center-Aligned Operation
• Flexible Dead-Band Generator
• Hardware Fault Protection Inputs
• Simultaneous Update of Duty Cycle and Period:
- Flexible Special Event Trigger output
Motion Feedback Module:
• Three Independent Input Capture Channels:
- Flexible operating modes for period and
pulse-width measurement
- Special Hall sensor interface module
- Special Event Trigger output to other modules
• Quadrature Encoder Interface:
- 2-phase inputs and one index input from
encoder
- High and low position tracking with direction
status and change of direction interrupt
- Velocity measurement
High-Speed, 200 ksps 10-Bit A/D Converter:
• Up to 9 Channels
• Simultaneous, Two-Channel Sampling
• Sequential Sampling: 1, 2 or 4 Selected Channels
• Auto-Conversion Capability
• 4-Word FIFO with Selectable Interrupt Frequency
• Selectable External Conversion Triggers
• Programmable Acquisition Time
Flexible Oscillator Structure:
• Four Crystal modes up to 40 MHz
• Two External Clock modes up to 40 MHz
• Internal Oscillator Block:
- 8 user-selectable frequencies: 31 kHz to 8 MHz
- OSCTUNE can compensate for frequency drift
• Secondary Oscillator using Timer1 @ 32 kHz
• Fail-Safe Clock Monitor:
- Allows for safe shutdown of device if clock fails
Power-Managed Modes:
• Run: CPU on, Peripherals on
• Idle: CPU off, Peripherals on
• Sleep: CPU off, Peripherals off
• Ultra Low, 50 nA Input Leakage
• Idle mode Currents Down to 5.8
A, Typical
• Sleep Current Down to 0.1
A, Typical
• Timer1 Oscillator, 1.8
A, Typical, 32 kHz, 2V
• Watchdog Timer (WDT), 2.1
A, typical
• Oscillator Two-Speed Start-up
- Fast wake from Sleep and Idle, 1
s, typical
Peripheral Highlights:
• High-Current Sink/Source 25 mA/25 mA
• Three External Interrupts
• Two Capture/Compare/PWM (CCP) modules
• Enhanced USART module:
- Supports RS-485, RS-232 and LIN/J2602
- Auto-wake-up on Start bit
- Auto-Baud Detect
Special Microcontroller Features:
• 100,000 Erase/Write Cycle Enhanced Flash
Program Memory, Typical
• 1,000,000 Erase/Write Cycle Data EEPROM
Memory, Typical
• Flash/Data EEPROM Retention: 100 Years
• Self-Programmable under Software Control
• Priority Levels for Interrupts
• 8 x 8 Single-Cycle Hardware Multiplier
• Extended Watchdog Timer (WDT):
- Programmable period from 41 ms to 131s
• Single-Supply In-Circuit Serial Programming™
(ICSP™) via Two Pins
• In-Circuit Debug (ICD) via Two Pins:
- Drives PWM outputs safely when debugging
Device
Program Memory
Data Memory
I/O
10-Bit
A/D (ch)
CCP
SSP
EUSART
14-Bit
PWM
(ch)
Timers
8/16-Bit
Flash
(bytes)
# Single-Word
Instructions
SRAM
(bytes)
EEPROM
(bytes)
SPI
Slave
I2C™
PIC18F2331
8192
4096
768
256
24
5
2
Y
Y
Y
Y
6
1/3
PIC18F2431 16384
8192
768
256
24
5
2
Y
Y
Y
Y
6
1/3
PIC18F4331
8192
4096
768
256
36
9
2
Y
Y
Y
Y
8
1/3
PIC18F4431 16384
8192
768
256
36
9
2
Y
Y
Y
Y
8
1/3
28/40/44-Pin Enhanced Flash Microcontrollers with
nanoWatt Technology, High-Performance PWM and A/D
PIC18F2331/2431/4331/4431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com