Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM829 Fiches technique(PDF) 17 Page - Microchip Technology

No de pièce TCM829
Description  Switched Capacitor Voltage Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM829 Fiches technique(HTML) 17 Page - Microchip Technology

Back Button TCM829 Datasheet HTML 13Page - Microchip Technology TCM829 Datasheet HTML 14Page - Microchip Technology TCM829 Datasheet HTML 15Page - Microchip Technology TCM829 Datasheet HTML 16Page - Microchip Technology TCM829 Datasheet HTML 17Page - Microchip Technology TCM829 Datasheet HTML 18Page - Microchip Technology TCM829 Datasheet HTML 19Page - Microchip Technology TCM829 Datasheet HTML 20Page - Microchip Technology TCM829 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
© 2010 Microchip Technology Inc.
DS21488B-page 17
TCM828/TCM829
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
5-Lead SOT-23
Example:
XXNN
CA25
Device
Code
TCM828ECT728
CANN
TCM828VT713
CWNN
TCM829ECT713-GVAO
CBNN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26