Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TCM829 Fiches technique(PDF) 11 Page - Microchip Technology

No de pièce TCM829
Description  Switched Capacitor Voltage Converters
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCM829 Fiches technique(HTML) 11 Page - Microchip Technology

Back Button TCM829 Datasheet HTML 7Page - Microchip Technology TCM829 Datasheet HTML 8Page - Microchip Technology TCM829 Datasheet HTML 9Page - Microchip Technology TCM829 Datasheet HTML 10Page - Microchip Technology TCM829 Datasheet HTML 11Page - Microchip Technology TCM829 Datasheet HTML 12Page - Microchip Technology TCM829 Datasheet HTML 13Page - Microchip Technology TCM829 Datasheet HTML 14Page - Microchip Technology TCM829 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
© 2010 Microchip Technology Inc.
DS21488B-page 11
TCM828/TCM829
4.0
DETAILED DESCRIPTION
The TCM828/TCM829 charge pump converters invert
the voltage applied to the VIN pin. Conversion consists
of a two phase operation (Figure 4-1). During the first
phase, switches S2 and S4 are open, while S1 and S3
are closed. During this time, C1 charges to the voltage
on VIN and load current is supplied from C2. During the
second phase, S2 and S4 are closed, and S1 and S3
are open. This action connects C1 across C2, restoring
charge to C2.
FIGURE 4-1:
Ideal Switched Capacitor
Charge Pump.
VOUT = -(VIN)
C1
C2
IN
S1
S3
S4
S2
TCM828/
TCM829



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26