| Moteur de recherche de fiches techniques de composants électroniques |
|
SA9101 Fiches technique(PDF) 32 Page - Sames |
|
|
|||||||||||||||||||||||||||||
SA9101 Fiches technique(HTML) 32 Page - Sames |
|
32 / 40 page ![]() SA9101 sames 32/40 ADR 9 CRC Error Counter Extension Register Bit Description Name SR9B[0-1] 0-1 Bit 8 and 9 of CRC error counter, if in extended mode SR9B[2-3] 2-3 Not used. (Fixed to "1") SR9B[4-5] 4-5 Code Violation counter extention. SR9B[6-7] 6-7 Not used. (Fixed to "1") ADR B Receive S n-bit stack Register Bit Description Name SRBB[0-7] 0-7 This stack contains 5 bytes of S n-bit information. Bit 0..7 contains S n-bits of frame 15..1. ADR C-F Not used |