Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA8806A Fiches technique(PDF) 6 Page - Sames

No de pièce SA8806A
Description  64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMES [Sames]
Site Internet  http://www.sames.co.za
Logo SAMES - Sames

SA8806A Fiches technique(HTML) 6 Page - Sames

Back Button SA8806A Datasheet HTML 2Page - Sames SA8806A Datasheet HTML 3Page - Sames SA8806A Datasheet HTML 4Page - Sames SA8806A Datasheet HTML 5Page - Sames SA8806A Datasheet HTML 6Page - Sames SA8806A Datasheet HTML 7Page - Sames SA8806A Datasheet HTML 8Page - Sames SA8806A Datasheet HTML 9Page - Sames SA8806A Datasheet HTML 10Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
SA8806A
6/10
sames
Write Mode: With CS and WR both active (low), the data corresponding to the
address selected, is latched into memory.
The Write cycle timing diagram is given below:
2.
LCD Display
The SA8806A LCD Driver is capable of driving a 4 backplane, 8 digit (7 segment)
display, plus decimal points.
The most significant digit is addressed by columns VS[14] and VS[15] and the least
significant digit; by VS[0] and VS[1]. The display segments addressed via the
column outputs are given in a typical configuration below:
Diagram 2: Write Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10