Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA8806A Fiches technique(PDF) 5 Page - Sames

No de pièce SA8806A
Description  64 SEGMENT LIQUID CRYSTAL DISPLAY DRIVER PARALLEL INTERFACE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMES [Sames]
Site Internet  http://www.sames.co.za
Logo SAMES - Sames

SA8806A Fiches technique(HTML) 5 Page - Sames

  SA8806A Datasheet HTML 1Page - Sames SA8806A Datasheet HTML 2Page - Sames SA8806A Datasheet HTML 3Page - Sames SA8806A Datasheet HTML 4Page - Sames SA8806A Datasheet HTML 5Page - Sames SA8806A Datasheet HTML 6Page - Sames SA8806A Datasheet HTML 7Page - Sames SA8806A Datasheet HTML 8Page - Sames SA8806A Datasheet HTML 9Page - Sames Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
SA8806A
sames
5/10
PIN DESCRIPTION (Continued)
Pin
Pin
PLCC-44 DIP-40
33
20
VR[0]
LCD backplane driver outputs
32
19
VR[1]
31
18
VR[2]
30
17
VR[3]
28
15
EN
LCD Voltage Divider Enable input, active low
11
40
VI1
Optional external LCD voltage inputs
10
39
VI1/3
9
38
VI2/3
34
21
NC
Not connected
12
NC
24
NC
35
NC
44
NC
Designation Description
FUNCTIONAL DESCRIPTION
The SA8806A is a CMOS Liquid Crystal Display Driver integrated circuit for displays,
having 4 track multipexed backplanes and up to 64 LCD segments.
The integrated circuit has a parallel interface, with external contract control and a low
power mode.
1.
Parallel Interface
Read Mode: With CS and RD both active (low), the data corresponding to the
selected address, is switched to the output.
The Read cycle timing diagram is given below:
Diagram 1: Read Cycle



Html Pages

1 2 3 4 5 6 7 8 9 10