Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SA541 Fiches technique(PDF) 12 Page - Sames

No de pièce SA541
Description  PULSE/DTMF SWITCHABLE DIALLERS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SAMES [Sames]
Site Internet  http://www.sames.co.za
Logo SAMES - Sames

SA541 Fiches technique(HTML) 12 Page - Sames

Back Button SA541 Datasheet HTML 8Page - Sames SA541 Datasheet HTML 9Page - Sames SA541 Datasheet HTML 10Page - Sames SA541 Datasheet HTML 11Page - Sames SA541 Datasheet HTML 12Page - Sames SA541 Datasheet HTML 13Page - Sames SA541 Datasheet HTML 14Page - Sames SA541 Datasheet HTML 15Page - Sames SA541 Datasheet HTML 16Page - Sames  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SA541
sames
12/16
DTMF Mode Timing Diagram
10. Loop Disconnect Dialling (Figures 5 and 6)
The MASK output is provided in order to disable the speech circuit during LD dialling.
Consequently, the MASK output is normally at logic '1' in the off-hook condition, but
changes to logic '0' during LD dialling. MASK also changes to logic '0' in order to
signal a Timed Break Recall (Flash) to the line. Both MUTE and MF OUT remain
low during LD dialling.
LD dialling is signalled on the IMP output. A break is signalled by a logic '0', make
periods and IDP times are signalled by a logic '1'. When not dialling, the IMP output
remains at logic '0'.
Figure 4: DTMF Mode Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16