| Moteur de recherche de fiches techniques de composants électroniques |
|
SA541 Fiches technique(PDF) 10 Page - Sames |
|
|
|||||||||||||||||||||||||||||
SA541 Fiches technique(HTML) 10 Page - Sames |
|
10 / 16 page ![]() SA541 sames 10/16 Figure 2: Earth Loop Recall Application 7. Oscillator Circuit This requires an external 560KHz ceramic resonator connected between OSC IN and OSC OUT, providing a timing reference for all chip functions. Consult your resonator supplier for recommendation of a suitable resonator type. 8. Tone Filtering The spectral purity of the DTMF output is sufficient for most applications. However, where lower distortion DTMF tones are required, an on-chip Darlington pair is provided (accessible via pins 6 & 7) for use in a low pass active filter. Figure 3 shows how a 2-pole Sallen and Key filter may be implemented. The typical component values have been chosen to give a second order Butterworth response with a cut-off frequency of about 3,5KHz and a nominal pass-band insertion loss of 0,5dB. The relative values of R3 and R4 may be adjusted to achieve the desired DTMF amplitude which varies with supply voltage. |