| Moteur de recherche de fiches techniques de composants électroniques |
|
BA6840BFS Fiches technique(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA6840BFS Fiches technique(HTML) 1 Page - Rohm |
|
1 / 9 page ![]() 523 Motor driver ICs 3-phase motor driver BA6840BFS / BA6840BFP-Y / BA6840BFP / BA6842BFS The BA6840BFS, BA6840BFP-Y, BA6840BFP, and BA6842BFS are one-chip ICs designed for driving CD-ROM motors. They are high performance-ICs with a 3-phase, full-wave, pseudo-linear drive system. FApplications CD-ROM / RW, DVD-ROM / PLAYER FFeatures 1) 3-phase, full-wave, pseudo-linear drive system. 2) Start / stop pin; power saving during stop mode. 3) Internal current limit circuit. 4) Internal thermal shutdown circuit. 5) Internal hall bias circuit. FBlock diagram |
Numéro de pièce similaire - BA6840BFS |
|
Description similaire - BA6840BFS |