| Moteur de recherche de fiches techniques de composants électroniques |
|
BA3853BFS Fiches technique(PDF) 1 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA3853BFS Fiches technique(HTML) 1 Page - Rohm |
|
1 / 11 page ![]() 791 Audio ICs Stereo sound controller IC BA3853BFS The BA3853BFS is a dual-channel electronic volume controller built around a low-noise, low-distortion VCA. It is suited for car-audio applications, and has performance that rivals mechanical-type volume controllers. In addition to volume control, the IC includes all functions required for controlling sound quality, to allow more compact designs with far fewer components. FApplications Car audio systems FFeatures 1) Provides electronic control for volume, balance, fad- er, tone (bass and treble), and loudness. 2) The volume control circuit is a low-distortion, low- noise VCA circuit that uses DC voltage for control. The IC uses an internally-generated, temperature- compensated reference voltage and is capable of dual-channel control with the addition of a single po- tentiometer. 3) Available in an SSOP-24 package that is ideal for compact designs. FAbsolute maximum ratings (Ta = 25_C) FRecommended operating conditions (Ta = 25_C) |
Numéro de pièce similaire - BA3853BFS |
|
Description similaire - BA3853BFS |