| Moteur de recherche de fiches techniques de composants électroniques |
|
BA3853BFS Fiches technique(PDF) 8 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA3853BFS Fiches technique(HTML) 8 Page - Rohm |
|
8 / 11 page ![]() 798 Audio ICs BA3853BFS FCircuit operation (1) As shown is the block diagram, the main circuit blocks are the main volume (front and rear), tone control (bass and treble), and balance and fader. Signal control for each block is possible with a DC voltage. (2) The main volume is comprised of a front volume and rear volume controller. The front volume controller has 18dB of attenuation. (3) The tone filter is an external CR circuit. Refer to item 5 of the application notes regarding the component val- ues. (4) The loudness is set by a calculation based on the tone control current. Refer to control curves item 3 of the application notes. (5) The control curves for the balance and fader are given in the measurement data. FApplication example |