Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RF2131PCBA Fiches technique(PDF) 5 Page - RF Micro Devices

No de pièce RF2131PCBA
Description  HIGH EFFICIENCY AMPS/ETACS AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RFMD [RF Micro Devices]
Site Internet  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2131PCBA Fiches technique(HTML) 5 Page - RF Micro Devices

  RF2131PCBA Datasheet HTML 1Page - RF Micro Devices RF2131PCBA Datasheet HTML 2Page - RF Micro Devices RF2131PCBA Datasheet HTML 3Page - RF Micro Devices RF2131PCBA Datasheet HTML 4Page - RF Micro Devices RF2131PCBA Datasheet HTML 5Page - RF Micro Devices RF2131PCBA Datasheet HTML 6Page - RF Micro Devices RF2131PCBA Datasheet HTML 7Page - RF Micro Devices RF2131PCBA Datasheet HTML 8Page - RF Micro Devices RF2131PCBA Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
2-103
RF2131
Rev B4 010417
2
case conditions, and provides a rugged, robust compo-
nent for the system designer.
High current conditions are also potentially dangerous
to any RF device. High currents lead to high channel
temperatures and may force early failures. The
RF2131 includes temperature compensation circuits in
the bias network to stabilize the RF transistors, thus
limiting the current through the amplifier and protecting
the devices from damage. The same mechanism
works to compensate the currents due to ambient tem-
perature variations.



Html Pages

1 2 3 4 5 6 7 8 9 10