| Moteur de recherche de fiches techniques de composants électroniques |
|
TLV341_101 Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV341_101 Fiches technique(HTML) 3 Page - Texas Instruments |
|
3 / 34 page ![]() TLV341, TLV342, TLV342S, TLV344 LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 ORDERING INFORMATION† TA MAX VIO (25 5C) PACKAGE‡ ORDERABLE PART NUMBER TOP-SIDE MARKING§ SOT 23 DBV Reel of 3000 TLV341IDBVR YC9 SOT-23 – DBV Reel of 250 TLV341IDBVT YC9_ Single SC 70 DCK Reel of 3000 TLV341IDCKR Y4 Single SC-70 – DCK Reel of 250 TLV341IDCKT Y4_ SOT-563 – DRL Reel of 4000 TLV341IDRLR Y4_ QFN RUG Reel of 3000 TLV342IRUGR Y6E St d d QFN – RUG Reel of 3000 TLV342SIRUGR 2YE Standard grade: 4 mV Dual SOIC D Tube of 75 TLV342ID TY342 grade: 4 mV Dual SOIC – D Reel of 2500 TLV342IDR TY342 MSOP/VSSOP DGK Reel of 2500 TLV342IDGKR PREVIEW MSOP/VSSOP – DGK Reel of 250 TLV342IDGKT PREVIEW SOIC D Tube of 50 TLV344ID PREVIEW Quad SOIC – D Reel of 2500 TLV344IDR PREVIEW −40 °C to 125°C Quad TSSOP PW Tube of 90 TLV344IPWR PREVIEW 40 C to 125 C TSSOP – PW Reel of 2000 TLV344IPWR PREVIEW SOT 23 DBV Reel of 3000 TLV341AIDBVR YCG Single SOT-23 – DBV Reel of 250 TLV341AIDBVT YCG_ Single SC 70 DCK Reel of 3000 TLV341AIDCKR Y5 SC-70 – DCK Reel of 250 TLV341AIDCKT Y5_ SOIC D Tube of 75 TLV342AID TY342A A grade: Dual SOIC – D Reel of 2500 TLV342AIDR TY342A A grade: 1.25 mV Dual MSOP/VSSOP DGK Reel of 2500 TLV342AIDGKR PREVIEW MSOP/VSSOP – DGK Reel of 250 TLV342AIDGKT PREVIEW SOIC D Tube of 50 TLV344AID PREVIEW Quad SOIC – D Reel of 2500 TLV344AIDR PREVIEW Quad TSSOP PW Tube of 90 TLV344AIPWR PREVIEW TSSOP – PW Reel of 2000 TLV344AIPWR PREVIEW † For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. ‡ Package drawings, thermal data, and symbolization are available at www.ti.com/packaging. § DBV/DCK/DRL: The actual top-side marking has one additional character that designates the wafer fab/assembly site. |