| Moteur de recherche de fiches techniques de composants électroniques |
|
TLV341_101 Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV341_101 Fiches technique(HTML) 6 Page - Texas Instruments |
|
6 / 34 page ![]() TLV341, TLV342, TLV342S, TLV344 LOW-VOLTAGE RAIL-TO-RAIL OUTPUT CMOS OPERATIONAL AMPLIFIERS WITH SHUTDOWN SLVS568C − JANUARY 2005 − REVISED NOVEMBER 2007 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 shutdown characteristics, V+ = 1.8 V, GND = 0, VIC = VO = V+/2, RL > 1 MΩ (unless otherwise noted) PARAMETER TEST CONDITIONS TA MIN TYP MAX UNIT I Supply current in shutdown mode V 0V 25 °C 0.01 1 mA ICC(SHDN) Supply current in shutdown mode (per channel) VSD = 0 V Full range 1.5 mA t(on) Amplifier turn-on time 25 °C 5 ms V Shutdown pin voltage range ON mode 25 °C 1.5 1.8 V VSD Shutdown pin voltage range Shutdown mode 25 °C 0 0.5 V |