Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL062CPWR Fiches technique(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL062CPWR
Description  LOW-POWER JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TL062CPWR Fiches technique(HTML) 27 Page - Texas Instruments

Back Button TL062CPWR Datasheet HTML 23Page - Texas Instruments TL062CPWR Datasheet HTML 24Page - Texas Instruments TL062CPWR Datasheet HTML 25Page - Texas Instruments TL062CPWR Datasheet HTML 26Page - Texas Instruments TL062CPWR Datasheet HTML 27Page - Texas Instruments TL062CPWR Datasheet HTML 28Page - Texas Instruments TL062CPWR Datasheet HTML 29Page - Texas Instruments TL062CPWR Datasheet HTML 30Page - Texas Instruments TL062CPWR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TL064CDBR
SSOP
DB
14
2000
330.0
16.4
8.2
6.6
2.5
12.0
16.0
Q1
TL064CDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
TL064CNSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
TL064CPWR
TSSOP
PW
14
2000
330.0
12.4
6.9
5.6
1.6
8.0
12.0
Q1
TL064IDR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
TL064INSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
TL061ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL061CDR
SOIC
D
8
2500
340.5
338.1
20.6
TL061CDR
SOIC
D
8
2500
346.0
346.0
29.0
TL061CPSR
SO
PS
8
2000
346.0
346.0
33.0
TL061IDR
SOIC
D
8
2500
340.5
338.1
20.6
TL061IDR
SOIC
D
8
2500
346.0
346.0
29.0
TL062ACDR
SOIC
D
8
2500
340.5
338.1
20.6
TL062ACPSR
SO
PS
8
2000
346.0
346.0
33.0
TL062BCDR
SOIC
D
8
2500
340.5
338.1
20.6
TL062CDR
SOIC
D
8
2500
340.5
338.1
20.6
TL062CDR
SOIC
D
8
2500
346.0
346.0
29.0
PACKAGE MATERIALS INFORMATION
www.ti.com
30-Jul-2010
Pack Materials-Page 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42