| Moteur de recherche de fiches techniques de composants électroniques |
|
TL062CPWR Fiches technique(PDF) 19 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL062CPWR Fiches technique(HTML) 19 Page - Texas Instruments |
|
19 / 42 page ![]() TL061, TL061A, TL061B, TL062, TL062A TL062B, TL064, TL064A, TL064B LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS SLOS078J − NOVEMBER 1978 − REVISED SEPTEMBER 2004 19 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 APPLICATION INFORMATION TL062 220 k Ω − + 0.00375 µF TL062 − + 10 pF 68 k Ω 0.003 µF 0.03 µF 0.03 µF 10 k Ω 3.3 kΩ 0.003 µF VCC− VCC+ Output Input VCC− VCC+ 10 pF MIN MAX 100 k Ω Treble MIN MAX 100 k Ω Bass 10 k Ω 10 k Ω + 0.01 µF 27 k Ω 100 Ω Balance 100 Ω 50 pF + 75 µF 47 µF 5 k Ω Gain 47 k Ω 1 µF TA = 25°C VCC± = ±15 V Max Treble Max Bass 200 10 k 4 k 2 k 1 k 400 40 100 20 15 10 5 0 −5 −10 −15 −20 −25 20 k 25 f − Frequency − Hz 20 IC PREAMPLIFIER RESPONSE CHARACTERISTICS Min Treble Min Bass Figure 27. IC Preamplifier |