Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPC200 Fiches technique(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
No de pièce DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Fiches technique(HTML) 16 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 12Page - Texas Instruments DLPC200 Datasheet HTML 13Page - Texas Instruments DLPC200 Datasheet HTML 14Page - Texas Instruments DLPC200 Datasheet HTML 15Page - Texas Instruments DLPC200 Datasheet HTML 16Page - Texas Instruments DLPC200 Datasheet HTML 17Page - Texas Instruments DLPC200 Datasheet HTML 18Page - Texas Instruments DLPC200 Datasheet HTML 19Page - Texas Instruments DLPC200 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 41 page
background image
DLPC200
DLPS014A – APRIL 2010 – REVISED MAY 2010
www.ti.com
TERMINAL FUNCTIONS (continued)
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
CLOCK
DESCRIPTION
TYPE(1)
SYSTEM
NAME
NO.
RSVD_H1
C2
B2
GPIO
Reserved
RSVD_T0
E22
RSVD_T1
D21
RSVD_T2
A21
RSVD_T3
C18
RSVD_T4
B22
These I/O can be left open/ unconnected for normal operation.
RSVD_T5
B21
RSVD_T6
D17
RSVD_T7
E21
RSVD_TC
M24
RSVD_D0
A17
I3
RESERVED FOR FUTURE USE, do not connect
RSVD_D1
D15
O3
RESERVED FOR FUTURE USE, do not connect
RSVD_D2
E17
I3
RESERVED FOR FUTURE USE, do not connect
RSVD_D3
F15
O3
RESERVED FOR FUTURE USE, do not connect
RSVD_H3
E3
I3
RESERVED FOR FUTURE USE, can be left open, recommend
grounding.
RSVD_H7
H7
I3
RESERVED FOR FUTURE USE, can be left open, recommend
grounding.
RSVD_H8
L5
I3
RESERVED FOR FUTURE USE, can be left open, recommend
grounding.
RSVD_H9
M5
I3
RESERVED FOR FUTURE USE, can be left open, recommend
grounding.
RSVD_H13
J1
I3
RESERVED FOR FUTURE USE, can be left open, recommend
grounding.
RSVD_P0
P7
I4
RESERVED FOR FUTURE USE, do not connect
RSVD_P1
P6
O2
RESERVED FOR FUTURE USE, do not connect
RSVD_P2
P8
I4
RESERVED FOR FUTURE USE, do not connect
RSVD_P3
P5
I4
RESERVED FOR FUTURE USE, do not connect
RSVD_G0
C23
O3
RESERVED FOR FUTURE USE, do not connect
RSVD_G1
F19
O3
RESERVED FOR FUTURE USE, do not connect
RSVD_G2
M27
O3
RESERVED FOR FUTURE USE, do not connect
RSVD_G3
N21
O3
RESERVED FOR FUTURE USE, do not connect
RSVD_G4
P27
O3
RESERVED FOR FUTURE USE, do not connect
RSVD_G5
A18
O3
RESERVED FOR FUTURE USE, do not connect
RSVD_G6
A19
O3
RESERVED FOR FUTURE USE, do not connect
RSVD_S1
AG14
Unused input only, can be left open, recommend grounding.
RSVD_S2
AG15
Unused input only, can be left open, recommend grounding.
RSVD_S3
AH14
Unused input only, can be left open, recommend grounding.
RSVD_X11
AH15
Unused input only, can be left open, recommend grounding.
RSVD_S20
Y27
Unused input only, can be left open, recommend grounding.
RSVD_S21
Y28
Unused input only, can be left open, recommend grounding.
RSVD_X9
AA22
RESERVED FOR FUTURE USE, do not connect
RSVD_S0
AA24
RESERVED FOR FUTURE USE, do not connect
RSVD_X10
AB23
RESERVED FOR FUTURE USE, do not connect
RSVD_X6
AB24
RESERVED FOR FUTURE USE, do not connect
16
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41