Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DLPC200 Fiches technique(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
No de pièce DLPC200
Description  DLP짰 Digital Controller for the DLP5500 DMD
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

DLPC200 Fiches technique(HTML) 13 Page - Texas Instruments

Back Button DLPC200 Datasheet HTML 9Page - Texas Instruments DLPC200 Datasheet HTML 10Page - Texas Instruments DLPC200 Datasheet HTML 11Page - Texas Instruments DLPC200 Datasheet HTML 12Page - Texas Instruments DLPC200 Datasheet HTML 13Page - Texas Instruments DLPC200 Datasheet HTML 14Page - Texas Instruments DLPC200 Datasheet HTML 15Page - Texas Instruments DLPC200 Datasheet HTML 16Page - Texas Instruments DLPC200 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
DLPC200
www.ti.com
DLPS014A – APRIL 2010 – REVISED MAY 2010
TERMINAL FUNCTIONS (continued)
TERMINAL FUNCTIONS (continued)
TERMINAL
I/O
CLOCK
DESCRIPTION
TYPE(1)
SYSTEM
NAME
NO.
MEM_DM4
AE13
O5
MEM_CLK
MEM_DM5
AH18
O5
MEM_CLK
MEM_DM6
AF24
O5
MEM_CLK
MEM_DM7
AG26
O5
MEM_CLK
MEM_DS0
AB2
B1
MEM_CLK_P0
MEM_DS1
AE3
B1
MEM_CLK_N0
MEM_DS2
AD7
B1
MEM_CLK_P1
MEM_DS3
AE10
B1
MEM_CLK_N1
MEM_DS4
AF11
B1
MEM_CLK_P2
MEM_DS5
AF17
B1
MEM_CLK_N2
MEM_DS6
AE18
B1
MEM_CLK_P3
MEM_DS7
AF26
B1
MEM_CLK_N3
MEM_D0
R3
B1
MEM_D1
R4
B1
MEM_D2
T4
B1
MEM_D3
R5
B1
MEM_D4
U1
B1
MEM_D5
V4
B1
MEM_D6
V2
B1
MEM_D7
V1
B1
MEM_DS0,
MEM_DS1
MEM_D8
U6
B1
MEM_D9
Y4
B1
MEM_D10
AC2
B1
MEM_D11
AC1
B1
MEM_D12
AC3
B1
MEM_D13
AD2
B1
MEM_D14
AB3
B1
MEM_D15
AA4
B1
MEM_D16
AE6
B1
MEM_D17
AF4
B1
MEM_D18
AG3
B1
MEM_D19
AH3
B1
MEM_D20
AF6
B1
MEM_D21
AH4
B1
MEM_D22
AD8
B1
MEM_D23
AG6
B1
MEM_DS2,
MEM_DS3
MEM_D24
AB9
B1
MEM_D25
AD10
B1
MEM_D26
AG7
B1
MEM_D27
AH7
B1
MEM_D28
AC8
B1
MEM_D29
AA10
B1
MEM_D30
AG8
B1
MEM_D31
AH8
B1
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DLPC200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41