| Moteur de recherche de fiches techniques de composants électroniques |
|
TS616 Fiches technique(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TS616 Fiches technique(HTML) 31 Page - STMicroelectronics |
|
31 / 37 page ![]() TS616 Increasing the line level using active impedance matching 31/37 10 Increasing the line level using active impedance matching With passive matching, the output signal amplitude of the driver must be twice the amplitude on the load. To go beyond this limitation an active matching impedance can be used. With this technique, it is possible to maintain good impedance matching with an amplitude on the load higher than half of the output driver amplitude. This concept is shown in Figure 68 for a differential line. Figure 68. TS616 as a differential line driver with active impedance matching Component calculation Let us consider the equivalent circuit for a single-ended configuration, as shown in Figure 69. Figure 69. Single-ended equivalent circuit R4 R2 Vi Vi Vo Vo RL 100 Ω 1:n Hybrid & Transformer GND Vcc+ 10 μ 100n 100n 100n 1k 1k Rs1 Rs2 10n 1 μ R3 R5 Vo° Vo° GND Vcc+ Vcc+ + _ + _ GND 1/2 R1 1/2 R1 Vcc/2 R2 R3 + _ Vi Vo Rs1 -1 Vo° + _ -1 ½ RL ½ R1 R2 R3 + _ Vi Vo Rs1 -1 Vo° + _ -1 ½ RL ½ R1 |