Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS616 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce TS616
Description  Dual wide band operational amplifier with high output current
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS616 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button TS616 Datasheet HTML 25Page - STMicroelectronics TS616 Datasheet HTML 26Page - STMicroelectronics TS616 Datasheet HTML 27Page - STMicroelectronics TS616 Datasheet HTML 28Page - STMicroelectronics TS616 Datasheet HTML 29Page - STMicroelectronics TS616 Datasheet HTML 30Page - STMicroelectronics TS616 Datasheet HTML 31Page - STMicroelectronics TS616 Datasheet HTML 32Page - STMicroelectronics TS616 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
TS616
Choosing the feedback circuit
29/37
9.1
The bias of an inverting amplifier
A resistance is necessary to achieve good input biasing, such as resistance R, shown in
Figure 66.
The magnitude of this resistance is calculated by assuming the negative and positive input
bias current. The aim is to compensate for the offset bias current, which could affect the
input offset voltage and the output DC component. Assuming Ib-, Ib+, Rin, Rfb and a zero
volt output, the resistance R is:
R = Rin // Rfb
Figure 66.
Compensation of the input bias current
9.2
Active filtering
Figure 67.
Low-pass active filtering - Sallen-Key
From the resistors Rfb and RG, we can directly calculate the gain of the filter in a classic non-
inverting amplification configuration:
We assume the following expression as the response of the system:
R
Load
Output
Rfb
Rin
Ib-
Ib+
Vcc+
Vcc-
TS616
+
_
R
Load
Output
Rfb
Rin
Ib-
Ib+
Vcc+
Vcc-
TS616
+
_
+
_
RG
IN
Rfb
910
Ω
TS616
25
Ω
OUT
R1
R2
C2
C1
+
_
RG
IN
Rfb
910
Ω
TS616
25
Ω
OUT
R1
R2
C2
C1
A
V
g1
R
fb
R
g
--------
+
==
T
j
ω
Vout
j
ω
Vin
j
ω
-----------------
g
12
ζ
j
ω
ω
c
-----
j
ω
()
2
ω
c
2
------------
++
-----------------------------------------
==



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37