Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STG3157CTR Fiches technique(PDF) 16 Page - STMicroelectronics

No de pièce STG3157CTR
Description  Low voltage low on-resistance SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3157CTR Fiches technique(HTML) 16 Page - STMicroelectronics

Back Button STG3157CTR Datasheet HTML 10Page - STMicroelectronics STG3157CTR Datasheet HTML 11Page - STMicroelectronics STG3157CTR Datasheet HTML 12Page - STMicroelectronics STG3157CTR Datasheet HTML 13Page - STMicroelectronics STG3157CTR Datasheet HTML 14Page - STMicroelectronics STG3157CTR Datasheet HTML 15Page - STMicroelectronics STG3157CTR Datasheet HTML 16Page - STMicroelectronics STG3157CTR Datasheet HTML 17Page - STMicroelectronics STG3157CTR Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
Package information
STG3157
16/18
Doc ID 9007 Rev 2
Figure 16.
SOT323-6L reel information
Table 13.
SOT323-6L reel information
Dim
mm.
inch
Tape size
8.0 ±0.30
0.315 ±0.012
A max.
180.0
7.086
B min.
1.5
0.059
C
13.0 ±0.20
0.512 ±0.008
D min.
20.2
0.795
N min.
60
2.362
G
8.4 +2/-0
0.319 +0.079/-0
T max.
14.4
0.567



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18