Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STG3157CTR Fiches technique(PDF) 15 Page - STMicroelectronics

No de pièce STG3157CTR
Description  Low voltage low on-resistance SPDT switch with break-before-make feature
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3157CTR Fiches technique(HTML) 15 Page - STMicroelectronics

Back Button STG3157CTR Datasheet HTML 10Page - STMicroelectronics STG3157CTR Datasheet HTML 11Page - STMicroelectronics STG3157CTR Datasheet HTML 12Page - STMicroelectronics STG3157CTR Datasheet HTML 13Page - STMicroelectronics STG3157CTR Datasheet HTML 14Page - STMicroelectronics STG3157CTR Datasheet HTML 15Page - STMicroelectronics STG3157CTR Datasheet HTML 16Page - STMicroelectronics STG3157CTR Datasheet HTML 17Page - STMicroelectronics STG3157CTR Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 18 page
background image
STG3157
Package information
Doc ID 9007 Rev 2
15/18
Figure 15.
SOT323-6L tape information
Table 12.
SOT323-6L tape information
Dim
mm.
inch
D
1.50 +0.1/0
0.059 +0.004/0
E
1.75 ±0.1
0.069 ±0.004
Po
4.00 ±0.1
0.157 ±0.004
T max.
0.40
0.016
D1 min.
1
0.039
F
3.5 ±0.05
0.138 ±0.002
K max.
2.40
0.094
P2
2.00 ±0.05
0.079 ±0.002
R
25
0.984
W
8.00 ±0.30
0.315 ±0.012
P1
4.00
0.157
Ao, Bo, Ko
0.05 min to 0.50 max
0.002 min to 0.020 max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18