Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSH512 Fiches technique(PDF) 29 Page - STMicroelectronics

No de pièce TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Fiches technique(HTML) 29 Page - STMicroelectronics

Back Button TSH512 Datasheet HTML 23Page - STMicroelectronics TSH512 Datasheet HTML 24Page - STMicroelectronics TSH512 Datasheet HTML 25Page - STMicroelectronics TSH512 Datasheet HTML 26Page - STMicroelectronics TSH512 Datasheet HTML 27Page - STMicroelectronics TSH512 Datasheet HTML 28Page - STMicroelectronics TSH512 Datasheet HTML 29Page - STMicroelectronics TSH512 Datasheet HTML 30Page - STMicroelectronics TSH512 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
TSH512
Ordering information
Doc ID 8120 Rev 7
29/31
7
Ordering information
Table 7.
Order codes
Part number
Temperature
range
Package
Packing
Marking
TSH512CF
-40° C to +85°C
TQFP44
Tray
TSH512C
TSH512CFT
Tape & reel
TSH512CYFT(1)
1.
Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.
TQFP44
(automotive grade level)
Tape & reel
TSH512CYF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31