| Moteur de recherche de fiches techniques de composants électroniques |
|
TSH512 Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
TSH512 Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 31 page ![]() General description TSH512 24/31 Doc ID 8120 Rev 7 5.6 PEA section: pre-emphasis The amplitude-regulated audio coming from the ALC feeds the positive input of the operational amplifier called PEA (pre-emphasis). The pre-emphasis consists in a high-pass filter in order to compensate the behavior of the FM transmission. Figure 32. Pre-emphasis schematics RPEA1 and CPEA1 set the time constant of the pre-emphasis as: τ = RPEA1. CPEA1 50 µs or 75 µs time constants are generally used. Choosing the gain of the PEA stage also allows one to set the right modulation level to the varicap diode. The gain in the passband is: GPEA = 1+ (RPEA2/RPEA1) |