Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSH512 Fiches technique(PDF) 24 Page - STMicroelectronics

No de pièce TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Fiches technique(HTML) 24 Page - STMicroelectronics

Back Button TSH512_09 Datasheet HTML 20Page - STMicroelectronics TSH512_09 Datasheet HTML 21Page - STMicroelectronics TSH512_09 Datasheet HTML 22Page - STMicroelectronics TSH512_09 Datasheet HTML 23Page - STMicroelectronics TSH512_09 Datasheet HTML 24Page - STMicroelectronics TSH512_09 Datasheet HTML 25Page - STMicroelectronics TSH512_09 Datasheet HTML 26Page - STMicroelectronics TSH512_09 Datasheet HTML 27Page - STMicroelectronics TSH512_09 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
General description
TSH512
24/31
Doc ID 8120 Rev 7
5.6
PEA section: pre-emphasis
The amplitude-regulated audio coming from the ALC feeds the positive input of the
operational amplifier called PEA (pre-emphasis). The pre-emphasis consists in a high-pass
filter in order to compensate the behavior of the FM transmission.
Figure 32.
Pre-emphasis schematics
RPEA1 and CPEA1 set the time constant of the pre-emphasis as:
τ = RPEA1. CPEA1
50 µs or 75 µs time constants are generally used.
Choosing the gain of the PEA stage also allows one to set the right modulation level to the
varicap diode. The gain in the passband is:
GPEA = 1+ (RPEA2/RPEA1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31