Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TSH512 Fiches technique(PDF) 23 Page - STMicroelectronics

No de pièce TSH512
Description  Hi-fi stereo/mono infrared transmitter and stereo sub-carrier generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH512 Fiches technique(HTML) 23 Page - STMicroelectronics

Back Button TSH512_09 Datasheet HTML 19Page - STMicroelectronics TSH512_09 Datasheet HTML 20Page - STMicroelectronics TSH512_09 Datasheet HTML 21Page - STMicroelectronics TSH512_09 Datasheet HTML 22Page - STMicroelectronics TSH512_09 Datasheet HTML 23Page - STMicroelectronics TSH512_09 Datasheet HTML 24Page - STMicroelectronics TSH512_09 Datasheet HTML 25Page - STMicroelectronics TSH512_09 Datasheet HTML 26Page - STMicroelectronics TSH512_09 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 31 page
background image
TSH512
General description
Doc ID 8120 Rev 7
23/31
The monostable holds the TSH512 in transmit mode during a delay fixed by the value of
CTRIG connected to pin 29.
Note that the VOX function is activated when the audio signal enters the first transmitter
TX1.
When the application needs a permanent transmission, it is possible to inhibit the VOX
function, by removing the Ctrig capacitor and connecting pin 29 to ground.
As soon as the TSH512 is powered-on, the internal reset circuitry sets the VOX-MUTE to
high state to enable transmission. The transmission remains during the monostable timing
and continues if an audio signal triggers the monostable.
Figure 31.
VOX state at power-on
VOX
DELAY
1.4V
5
μA
------------
⎝⎠
⎛⎞
C
trig
⋅
=
time
VOX -MUTE
POWER SUPPLY
on
off
VOX Delay
(Ctrig)
0
1
high state if retriggered by audio



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31