Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC05CL48 Fiches technique(PDF) 136 Page - Motorola, Inc

No de pièce 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Fiches technique(HTML) 136 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 132Page - Motorola, Inc 68HC05CL48 Datasheet HTML 133Page - Motorola, Inc 68HC05CL48 Datasheet HTML 134Page - Motorola, Inc 68HC05CL48 Datasheet HTML 135Page - Motorola, Inc 68HC05CL48 Datasheet HTML 136Page - Motorola, Inc 68HC05CL48 Datasheet HTML 137Page - Motorola, Inc 68HC05CL48 Datasheet HTML 138Page - Motorola, Inc 68HC05CL48 Datasheet HTML 139Page - Motorola, Inc 68HC05CL48 Datasheet HTML 140Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
MC68HC05CL48
A-4
REV 2.0
CAUTION
It is important to remember that an external programming voltage
must be applied to the VPP pin while programming, but it should be
equal to VDD during normal operations.
Figure A-2 shows the flow required to successfully program the EPROM.
Figure A-2. EPROM Programming Sequence
START
ELAT=1
Write EPROM byte
EPGM=1
Wait 1ms
EPGM=0
ELAT=0
Write
additional
byte?
Y
N
END



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More