Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC05CL48 Fiches technique(PDF) 97 Page - Motorola, Inc

No de pièce 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Fiches technique(HTML) 97 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 93Page - Motorola, Inc 68HC05CL48 Datasheet HTML 94Page - Motorola, Inc 68HC05CL48 Datasheet HTML 95Page - Motorola, Inc 68HC05CL48 Datasheet HTML 96Page - Motorola, Inc 68HC05CL48 Datasheet HTML 97Page - Motorola, Inc 68HC05CL48 Datasheet HTML 98Page - Motorola, Inc 68HC05CL48 Datasheet HTML 99Page - Motorola, Inc 68HC05CL48 Datasheet HTML 100Page - Motorola, Inc 68HC05CL48 Datasheet HTML 101Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
LCD DRIVER
MOTOROLA
REV 2.0
12-1
SECTION 12
LCD DRIVER
The LCD driver module supports a 45 frontplanes by 16 backplanes or a 53
frontplanes by 8 backplanes display. This allows a maximum of 720 LCD
segments to be driven. Each segment is controlled by a corresponding bit in the
LCD RAM. On reset or on power-up, the drivers are disabled via a Display on
(DISON)
bit in the LCD Control (LCDCTR) register. Figure 12-1 shows a block
diagram of the LCD subsystem.
Figure 12-1. LCD Driver Block Diagram
8
13
Internal signals
BP[0:7]
Display RAM
LCD data latch
FP[0:44]
Internal Data bus
Internal Address bus
Voltage
Generator
45X16
Segment driver
BP[8:15]/
FP[45:52]
VLCD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More