Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC05CL48 Fiches technique(PDF) 37 Page - Motorola, Inc

No de pièce 68HC05CL48
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL48 Fiches technique(HTML) 37 Page - Motorola, Inc

Back Button 68HC05CL48 Datasheet HTML 33Page - Motorola, Inc 68HC05CL48 Datasheet HTML 34Page - Motorola, Inc 68HC05CL48 Datasheet HTML 35Page - Motorola, Inc 68HC05CL48 Datasheet HTML 36Page - Motorola, Inc 68HC05CL48 Datasheet HTML 37Page - Motorola, Inc 68HC05CL48 Datasheet HTML 38Page - Motorola, Inc 68HC05CL48 Datasheet HTML 39Page - Motorola, Inc 68HC05CL48 Datasheet HTML 40Page - Motorola, Inc 68HC05CL48 Datasheet HTML 41Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 145 page
background image
June 11, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
INTERRUPTS
MOTOROLA
REV 2.0
4-5
Figure 4-2. External Interrupts
IRQ pin
INTO bit
I bit (CCR)
External
Power-On Reset
External Reset
External Interrupt
DQ
CK
R
Being Serviced
Interrupt
Request
(read of vectors)
(a) Interrupt Functional Block Diagram
IRQ
IRQ1
IRQn
IRQ
(MCU)
tILIH
tILIL
tILIH
Edge-sensitive Trigger Condition
The minimum pulse width tILIH is one
The period tILIL should not be less than the
number of cycles it takes to execute the
interrupt service routine plus 21 cycles
Level-sensitive Trigger Condition
If after servicing an interrupt, the IRQ
Normally used with pull-up resistor for
remains low, then the next interrupt is
recognized.
Wire-Ore connected
(b) Interrupt Mode Diagram
internal bus period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More