| Moteur de recherche de fiches techniques de composants électroniques |
|
68HC05CL48 Fiches technique(PDF) 131 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05CL48 Fiches technique(HTML) 131 Page - Motorola, Inc |
|
131 / 145 page ![]() June 10, 1997 GENERAL RELEASE SPECIFICATION MC68HC05CL48 MECHANICAL SPECIFICATIONS MOTOROLA REV 2.0 16-3 16.2 100-PIN THIN-QUAD-FLAT-PACKAGE (CASE 983-02) Figure 16-2. 100-Pin TQFP Mechanical Dimensions DIM A MIN MAX 14.00 BSC MILLIMETERS A1 7.00 BSC B 14.00 BSC B1 7.00 BSC C 1.70 C1 0.05 0.20 C2 1.30 1.50 D 0.10 0.30 E 0.45 0.75 F 0.15 0.23 G 0.50 BSC J 0.07 0.20 K 0.50 REF R1 0.08 0.20 S 16.00 BSC S1 8.00 BSC U 0.09 0.16 V 16.00 BSC V1 8.00 BSC W 0.20 REF Z 1.00 REF 0 7 0 12 REF NOTES: 1. DIMENSIONS AND TOLERANCES PER ASME Y14.5M, 1994. 2. DIMENSIONS IN MILLIMETERS. 3. DATUMS L, M AND N TO BE DETERMINED AT THE SEATING PLANE, DATUM T. 4. DIMENSIONS S AND V TO BE DETERMINED AT SEATING PLANE, DATUM T. 5. DIMENSIONS A AND B DO NOT INCLUDE MOLD PROTRUSION. ALLOWABLE PROTRUSION IS 0.25 PER SIDE. DIMENSIONS A AND B INCLUDE MOLD MISMATCH. 6. DIMENSION D DOES NOT INCLUDE DAMBAR PROTRUSION. DAMBAR PROTRUSION SHALL NOT CAUSE THE LEAD WIDTH TO EXCEED 0.35. MINIMUM SPACE BETWEEN PROTRUSION AND ADJACENT LEAD OR PROTRUSION 0.07. 1 2 3 VIEW Y 4X 25 TIPS 4X 25 100 76 75 51 26 50 1 VIEW AA C N 0.2 T L ±M 0.08 T C2 C1 (K) (Z) (W) GAGE PLANE VIEW AA VIEW Y AB PLATING U J D F ROTATED 90 CLOCKWISE BASE METAL SECTION AB ±AB 0.05 E 0.25 CL L ±M M 0.08 N T 3X 3 4X 1 2X R R1 X = L, M OR N G A S A1 S1 B1 V1 B V ±±± ±±± N 0.2 T L ±M M N T SEATING 2 4X 100X PLANE X AB L 12 REF |