| Moteur de recherche de fiches techniques de composants électroniques |
|
68HC05CL48 Fiches technique(PDF) 114 Page - Motorola, Inc |
|
|
|||||||||||||||||||||||||||||
68HC05CL48 Fiches technique(HTML) 114 Page - Motorola, Inc |
|
114 / 145 page ![]() GENERAL RELEASE SPECIFICATION June 11, 1997 MOTOROLA INSTRUCTION SET MC68HC05CL48 14-4 REV 2.0 14.1.10Register/Memory Instructions Most of these instructions use two operands. One operand is in either the accu- mulator or the index register. The CPU finds the other operand in memory. Table 14-1 lists the register/memory instructions. Table 14-1. Register/Memory Instructions Instruction Mnemonic Add Memory Byte and Carry Bit to Accumulator ADC Add Memory Byte to Accumulator ADD AND Memory Byte with Accumulator AND Bit Test Accumulator BIT Compare Accumulator CMP Compare Index Register with Memory Byte CPX EXCLUSIVE OR Accumulator with Memory Byte EOR Load Accumulator with Memory Byte LDA Load Index Register with Memory Byte LDX Multiply MUL OR Accumulator with Memory Byte ORA Subtract Memory Byte and Carry Bit from Accumulator SBC Store Accumulator in Memory STA Store Index Register in Memory STX Subtract Memory Byte from Accumulator SUB |