| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 168 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 168 Page - Freescale Semiconductor, Inc |
|
168 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 168 Freescale Semiconductor Operation: (X) – $0001 ⇒ X Description: Subtract one from index register X. LEAX –1,X can produce the same result, but LEAX does not affect the Z bit. Although the LEAX instruction is more flexible, DEX requires only one byte of object code. Only the Z bit is set or cleared according to the result of this operation. DEX Decrement Index Register X DEX CCR Details: S X HIN Z V C ––––– ∆ –– Z: Set if result is $0000; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 DEX INH 09 O O |