| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 154 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 154 Page - Freescale Semiconductor, Inc |
|
154 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 154 Freescale Semiconductor Operation: (M) = $FF – (M) ⇒ M Description: Replaces the content of memory location M with its one’s complement. Each bit of M is complemented. Immediately after a COM operation on unsigned values, only the BEQ, BNE, LBEQ, and LBNE branches can be expected to perform consistently. After operation on two’s complement values, all signed branches are available. COM Complement Memory COM CCR Details: S X HIN Z V C –––– ∆∆ 01 N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: 0; cleared C: 1; set (for M6800 compatibility) Source Form Address Mode Object Code Access Detail HCS12 M68HC12 COM opr16a COM oprx0_xysp COM oprx9 ,xysp COM oprx16 ,xysp COM [D ,xysp] COM [oprx16 ,xysp] EXT IDX IDX1 IDX2 [D,IDX] [IDX2] 71 hh ll 61 xb 61 xb ff 61 xb ee ff 61 xb 61 xb ee ff rPwO rPw rPwO frPwP fIfrPw fIPrPw rOPw rPw rPOw frPPw fIfrPw fIPrPw |