| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 136 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 136 Page - Freescale Semiconductor, Inc |
|
136 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 136 Freescale Semiconductor Operation: (PC) + $0002 + Rel ⇒ PC Description: Unconditional branch to an address calculated as shown in the expression. Rel is a relative offset stored as a two’s complement number in the second byte of the branch instruction. Execution time is longer when a conditional branch is taken than when it is not, because the instruction queue must be refilled before execution resumes at the new address. Since the BRA branch condition is always satisfied, the branch is always taken, and the instruction queue must always be refilled. See 3.8 Relative Addressing Mode for details of branch execution. BRA Branch Always BRA CCR Details: S X HIN Z V C –––––––– Source Form Address Mode Object Code Access Detail HCS12 M68HC12 BRA rel8 REL 20 rr PPP PPP |