| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 394 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 394 Page - Freescale Semiconductor, Inc |
|
394 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 394 Freescale Semiconductor WAV Calculate Sum of Products and Sum of Weights for Weighted Average Calculation Initialize B, X, and Y before WAV. B specifies number of ele- ments. X points at first element in Si list. Y points at first ele- ment in Fi list. All Si and Fi elements are 8-bits. If interrupted, six extra bytes of stack used for intermediate values Special 18 3C Of(frr,ffff)O Off(frr,fffff)O – – ? – ? ∆ ? ? (add if interrupt) SSS + UUUrr, SSSf + UUUrr wavr pseudo- instruction see WAV Resume executing an interrupted WAV instruction (recover in- termediate results from stack rather than initializing them to zero) Special 3C UUUrr,ffff (frr,ffff)O UUUrrfffff (frr,fffff)O – – ? – ? ∆ ? ? (exit + re-entry replaces comma above if interrupted) SSS + UUUrr, SSSf + UUUrr XGDX (D) ⇔ (X) Translates to EXG D, X INH B7 C5 PP – – – – – – – – XGDY (D) ⇔ (Y) Translates to EXG D, Y INH B7 C6 PP – – – – – – – – Table A-1. Instruction Set Summary (Sheet 14 of 14) Source Form Operation Addr. Mode Machine Coding (hex) Access Detail S X H I N Z V C HCS12 M68HC12 F i i1 = B ∑ X ⇒ S i F i i1 = B ∑ Y:D ⇒ and |