| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 348 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 348 Page - Freescale Semiconductor, Inc |
|
348 / 452 page ![]() S12CPUV2 Reference Manual, Rev. 4.0 348 Freescale Semiconductor Figure 9-4. Defining a Normal Membership Function An internal CPU algorithm calculates the y-value where the current input intersects a membership function. This algorithm assumes the membership function obeys some common-sense rules. If the membership function definition is improper, the results may be unusual. See 9.4.2 Abnormal Membership Function Definitions for a discussion of these cases. These rules apply to normal membership functions. • $00 ≤ point1 < $FF • $00 < point2 ≤ $FF • point1 < point2 • The sloping sides of the trapezoid meet at or above $FF. Each system input such as temperature has several labels such as cold, cool, normal, warm, and hot. Each label of each system input must have a membership function to describe its meaning in an unambiguous numerical way. Typically, there are three to seven labels per system input, but there is no practical restriction on this number as far as the fuzzification step is concerned. GRAPHICAL REPRESENTATION $00 $10 $20 $30 $40 $50 $60 $70 $80 $90 $A0 $B0 $C0 $D0 $E0 $F0 $FF $00 $20 $40 $60 $80 $A0 $FF $E0 $C0 MEMORY REPRESENTATION ADDR ADDR+1 ADDR+2 ADDR+3 $40 $D0 $08 $04 X-POSITION OF point_1 X-POSITION OF point_2 slope_1 ($FF/(X-POS OF SATURATION – point_1)) slope_2 ($FF/(point_2 – X-POS OF SATURATION)) point_1 point_2 slope_1 slope_2 DEGREE OF TRUTH INPUT RANGE |