| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 301 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 301 Page - Freescale Semiconductor, Inc |
|
301 / 452 page ![]() Glossary S12CPUV2 Reference Manual, Rev. 4.0 Freescale Semiconductor 301 Operation: (B) – $00 Description: Subtracts $00 from the content of accumulator B and sets the condition codes accordingly. The subtraction is accomplished internally without modifying B. The TSTB instruction provides limited information when testing unsigned values. Since no unsigned value is less than zero, BLO and BLS have no utility following TSTB. While BHI can be used after TST, it performs the same function as BNE, which is preferred. After testing signed values, all signed branches are available. TSTB Test B TSTB CCR Details: S X HIN Z V C –––– ∆∆ 00 N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: 0; cleared C: 0; cleared Source Form Address Mode Object Code Access Detail HCS12 M68HC12 TSTB INH D7 O O |