| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 272 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 272 Page - Freescale Semiconductor, Inc |
|
272 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 272 Freescale Semiconductor Operation: (A) – (B) ⇒ A Description: Subtracts the content of accumulator B from the content of accumulator A and places the result in A. The content of B is not affected. For subtraction instructions, the C status bit represents a borrow. SBA Subtract Accumulators SBA CCR Details: S X HIN Z V C –––– ∆∆∆∆ N: Set if MSB of result is set; cleared otherwise Z: Set if result is $00; cleared otherwise V: A7 • B7 • R7 + A7 • B7 • R7 Set if a two’s complement overflow resulted from the operation; cleared otherwise C: A7 • B7 + B7 • R7 + R7 • A7 Set if the absolute value of B is larger than the absolute value of A; cleared otherwise Source Form Address Mode Object Code Access Detail HCS12 M68HC12 SBA INH 18 16 OO OO |