| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 252 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 252 Page - Freescale Semiconductor, Inc |
|
252 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 252 Freescale Semiconductor Operation: (M(SP)) ⇒ A (SP) + $0001 ⇒ SP Description: Accumulator A is loaded from the address indicated by the stack pointer. The SP is then incremented by one. Pull instructions are commonly used at the end of a subroutine, to restore the contents of CPU registers that were pushed onto the stack before subroutine execution. PULA Pull A from Stack PULA CCR Details: S X HIN Z V C –––––––– Source Form Address Mode Object Code Access Detail HCS12 M68HC12 PULA INH 32 ufO ufO |