| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 216 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 216 Page - Freescale Semiconductor, Inc |
|
216 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 216 Freescale Semiconductor Operation: (M : M+1) ⇒ A : B Description: Loads the contents of memory locations M and M +1 into double accumulator D. The condition codes are set according to the data. The information from M is loaded into accumulator A, and the information from M +1 is loaded into accumulator B. LDD Load Double Accumulator LDD CCR Details: S X HIN Z V C –––– ∆∆ 0 – N: Set if MSB of result is set; cleared otherwise Z: Set if result is $0000; cleared otherwise V: 0; cleared Source Form Address Mode Object Code Access Detail HCS12 M68HC12 LDD #opr16i LDD opr8a LDD opr16a LDD oprx0_xysp LDD oprx9,xysp LDD oprx16,xysp LDD [D,xysp] LDD [oprx16,xysp] IMM DIR EXT IDX IDX1 IDX2 [D,IDX] [IDX2] CC jj kk DC dd FC hh ll EC xb EC xb ff EC xb ee ff EC xb EC xb ee ff PO RPf RPO RPf RPO fRPP fIfRPf fIPRPf OP RfP ROP RfP RPO fRPP fIfRfP fIPRfP |