| Moteur de recherche de fiches techniques de composants électroniques |
|
HCS12 Fiches technique(PDF) 210 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12 Fiches technique(HTML) 210 Page - Freescale Semiconductor, Inc |
|
210 / 452 page ![]() Instruction Glossary S12CPUV2 Reference Manual, Rev. 4.0 210 Freescale Semiconductor Operation: (PC) + $0004 + Rel ⇒ PC Description: Unconditional branch to an address calculated as shown in the expression. Rel is a relative offset stored as a two’s complement number in the second and third bytes of machine code corresponding to the long branch instruction. Execution time is longer when a conditional branch is taken than when it is not, because the instruction queue must be refilled before execution resumes at the new address. Since the LBRA branch condition is always satisfied, the branch is always taken, and the instruction queue must always be refilled, so execution time is always the larger value. See 3.8 Relative Addressing Mode for details of branch execution. LBRA Long Branch Always LBRA CCR Details: S X HIN Z V C –––––––– Source Form Address Mode Object Code Access Detail HCS12 M68HC12 LBRA rel16 REL 18 20 qq rr OPPP OPPP |